Part Number Hot Search : 
5KP40 C3216X5 28F008SC ASLPB LR36685 20JL2C41 B5A100VI 03953
Product Description
Full Text Search
 

To Download 74ALVCH16245T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/10 february 2003 n 3.6v tolerant inputs and outputs n high speed : t pd = 3.0 ns (max.) at v cc =3.0to3.6v t pd = 3.7 ns (max.) at v cc =2.3to2.7v t pd =6 ns (max.) at v cc = 1.65v n power down protection on inputs and outputs n symmetrical output impedance: |i oh |=i ol = 24ma (min) at v cc =3.0v |i oh |=i ol = 12ma (min) at v cc =2.3v |i oh |=i ol =4ma(min)atv cc = 1.65v n operating voltage range: v cc (opr) = 1.65v to 3.6v n bus hold provided on data inputs n pin and function compatible with 74 series 16245 n latch-up performance exceeds 300ma (jesd 17) n esd performance: hbm > 2000v (mil std 883 method 3015); mm > 200v description the 74alvch16245 is a low voltage cmos 16 bit bus transceiver fabricated with sub-micron silicon gate and five-layer metal wiring c 2 mos technology. it is ideal for low power and very high speed 1.65 to 3.6v applications; it can be interfaced to 3.6v signal environment for both inputs and outputs. .this ic is intended for two-way asynchronous communication between data busses; the direction of data transmission is determined by dir input. the enable input g canbeusedto disable the device so that the busses are effectively isolated. active bus-hold circuitry holds unused or undriven inputs at a valid logic state. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74alvch16245 low voltage cmos 16-bit transceiver (3-state) with 3.6v tolerant inputs and outputs order codes package tube t & r tssop 74ALVCH16245Ttr tssop pin connection
74alvch16245 2/10 input and output equivalent circuit pin description truth table z : high impedance x : dont care iec logic symbols pin no symbol name and function 1 1dir directional control 2, 3, 5, 6, 8, 9, 11, 12 1b1 to 1b8 data inputs/outputs 13, 14, 16, 17, 19, 20, 22, 23 2b1 to 2b8 data inputs/outputs 24 2dir directional control 25 2g output enable input 36, 35, 33, 32, 30, 29, 27, 26 2a1 to 2a8 data inputs/outputs 47, 46, 44, 43, 41, 40, 38, 38 1a1 to 1a8 data inputs/outputs 48 1g output enable input 4, 10, 15, 21, 28, 34, 39, 45 gnd ground (0v) 7, 18, 31, 42 v cc positive supply voltage inputs function output g dir a bus b bus yn l l output input a = b l h input output b = a hxzzz
74alvch16245 3/10 absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied 1) i o absolute maximum rating must be observed 2) v o v cc recommended operating conditions 1) v in from 0.8v to 2v at v cc =3.0v symbol parameter value unit v cc supply voltage -0.5 to +4.6 v v i dc input voltage -0.5 to +4.6 v v o dc output voltage (off state) -0.5 to +4.6 v v o dc output voltage (high or low state) (note 1) -0.5 to v cc + 0.5 v i ik dc input diode current -50 ma i ok dc output diode current (note 2) -50 ma i o dc output current 50 ma i cc or i gnd dc v cc or ground current per supply pin 100 ma p d power dissipation 400 mw t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 1.65 to 3.6 v v i input voltage -0.3 to 3.6 v v o output voltage (off state) 0 to 3.6 v v o output voltage (high or low state) 0 to v cc v i oh ,i ol high or low level output current (v cc = 3.0 to 3.6v) 24 ma i oh ,i ol high or low level output current (v cc = 2.3 to 2.7v) 12 ma i oh ,i ol high or low level output current (v cc = 1.65v) 4ma t op operating temperature -55 to 125 c dt/dv input rise and fall time (note 1) 0 to 10 ns/v
74alvch16245 4/10 dc specifications symbol parameter test condition value unit v cc (v) -40 to 85 c -55 to 125 c min. max. min. max. v ih high level input voltage 1.65 to 1.95 0.65 vcc 0.65 vcc v 2.3 to 2.7 1.7 1.7 2.7 to 3.6 2.0 2.0 v il low level input voltage 1.65 to 1.95 0.35 vcc 0.35 vcc 2.3 to 2.7 0.7 0.7 2.7 to 3.6 0.8 0.8 v oh high level output voltage 1.65 to 3.6 i o =-100 m av cc -0.2 v cc -0.2 v 1.65 i o =-4 ma 1.2 1.2 2.3 i o =-6 ma 2.0 2.0 2.3 i o =-12 ma 1.7 1.7 2.7 i o =-12 ma 2.2 2.2 3.0 i o =-12 ma 2.4 2.4 3.0 i o =-24 ma 2.0 2.0 v ol low level output voltage 1.65 to 3.6 i o =100 m a 0.2 0.2 v 1.65 i o =4 ma 0.45 0.45 2.3 i o =6 ma 0.4 0.4 2.3 i o =12 ma 0.7 0.7 2.7 i o =12 ma 0.4 0.4 3.0 i o =24 ma 0.55 0.55 i i input leakage current 3.6 v i = 0 or 3.6v 5 5 m a i ihold input hold current 1.65 v i =0.58 v +25 +25 m a 1.65 v i =1.07 v -25 -25 2.3 v i =0.7 v +45 +45 2.3 v i =1.7 v -45 -45 3.0 v i =0.8 v +75 +75 3.0 v i =2 v -75 -75 3.6 v i = 0 to 3.6v 500 500 i off power off leakage current 0v i or v o = 3.6v 10 20 m a i oz high impedance output leakage current 3.6 v i =v ih or v il v o = 0 to v cc 5 10 m a i cc quiescent supply current 3.6 v i =v cc or gnd i o =0 20 40 m a d i cc i cc incr. per input 3.0 to 3.6 v ih =v cc - 0.6v 500 750 m a
74alvch16245 5/10 ac electrical characteristics 1) skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch- ing in the same direction, either high or low (t oslh =|t plhm -t plhn |, t oshl =|t phlm -t phln |) 2) parameter guaranteed by design capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) =c pd xv cc xf in +i cc /16 (per circuit) symbol parameter test condition value unit v cc (v) c l (pf) r l ( w ) t s = t r (ns) -40 to 85 c -55 to 125 c min. max. min. max. t plh t phl propagation delay time 1.65 to 1.95 30 1000 2.0 1616 ns 2.3 to 2.7 30 500 2.0 1 3.7 1 3.7 2.7 50 500 2.5 1 3.6 1 3.6 3.0 to 3.6 50 500 2.5 1 3.0 1 3.0 t pzl t pzh output enable time 1.65 to 1.95 30 1000 2.0 1 7.1 1 7.1 2.3 to 2.7 30 500 2.0 1 5.7 1 5.7 2.7 50 500 2.5 1 5.4 1 5.4 3.0 to 3.6 50 500 2.5 1 4.4 1 4.4 t plz t phz output disable time 1.65 to 1.95 30 1000 2.0 1 7.0 1 7.0 2.3 to 2.7 30 500 2.0 1 5.2 1 5.2 2.7 50 500 2.5 1 4.6 1 4.6 3.0 to 3.6 50 500 2.5 1 4.1 1 4.1 symbol parameter test condition value unit v cc (v) t a =25c min. typ. max. c in input capacitance control inputs 3.3 v in =v cc or gnd 4pf c i/o input capacitance a or b ports 3.3 v in =v cc or gnd 8pf c pd power dissipation capacitance output enabled (note 1) 3.3 f in = 10mhz c l =50pf v in = 0 or v cc 29 pf 2.5 22 c pd power dissipation capacitance output disabled (note 1) 3.3 5 2.5 4
74alvch16245 6/10 test circuit r t =z out of pulse generator (typically 50 w ) test circuit and waveform symbol value test switch t plh ,t phl open t pzl ,t plz (v cc = 3.0 to 3.6v) 6v t pzl ,t plz (v cc = 2.3 to 2.7v) 2v cc t pzh ,t phz gnd symbol v cc 3.0 to 3.6v 2.7v 2.3 to 2.7v 1.65 to 1.95v v ih 2.7v 2.7v v cc v cc v m 1.5v 1.5v v cc /2 v cc /2 v x v ol +0.3v v ol +0.3v v ol +0.15v v ol +0.15v v y v oh -0.3v v oh -0.3v v oh -0.15v v oh -0.15v c l 50pf 50pf 30pf 30pf r l =r 1 500 w 500 w 500 w 1000 w t r =t r <2.5ns <2.5ns <2.0ns <2.0ns
74alvch16245 7/10 waveform 1 : propagation delays (f=1mhz; 50% duty cycle) waveform 2 : output enable and disable time (f=1mhz; 50% duty cycle)
74alvch16245 8/10 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.006 a2 0.9 0.035 b 0.17 0.27 0.0067 0.011 c 0.09 0.20 0.0035 0.0079 d 12.4 12.6 0.488 0.496 e 8.1 bsc 0.318 bsc e1 6.0 6.2 0.236 0.244 e 0.5 bsc 0.0197 bsc k0? 8?0? 8? l 0.50 0.75 0.020 0.030 tssop48 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 7065588c
74alvch16245 9/10 dim. mm. inch min. typ max. min. typ. max. a 330 12.992 c 12.8 13.2 0.504 0.519 d 20.2 0.795 n 60 2.362 t 30.4 1.197 ao 8.7 8.9 0.343 0.350 bo 13.1 13.3 0.516 0.524 ko 1.5 1.7 0.059 0.067 po 3.9 4.1 0.153 0.161 p 11.9 12.1 0.468 0.476 tape & reel tssop48 mechanical data
74alvch16245 10/10 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no res ponsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devi ces or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2002 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of 74ALVCH16245T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X